PART |
Description |
Maker |
DBF250 DBF250G DBF250C |
Silicon Diffused Junction Type 25A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
DBB04 DBB04C |
Diffused Junction Silicon Diode 0.4A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
1210A 1206A 1202A 1210UFA 1202FA 1202UFA 1206FA 12 |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
DBB08 DBB08C DBB08G |
Single-Phase Bridge Rectifying Diodes 0.8A Single-Phase Bridge Rectifier
|
Sanyo Semicon Device
|
VHFD16-14IO1 VHFD16-16IO1 VHFD16 VHFD16-08IO1 VHFD |
VOLTAGE TESTER NONCONTACT; 15 A, 1400 V, SCR Half Controlled Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
PSB71F-12 PSB71F12 PSB71F08 |
Single Phase Rectifier Bridge Single PhaseRectifier Bridge with fast Recovery Epitaxial Diode (FRED)
|
Powersem GmbH
|
VHF28-16IO5 VHF28-08IO5 VHF28-12IO5 VHF28-14IO5 |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
|
IXYS[IXYS Corporation]
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|
G37100B1EB1 G3760B1EB1 G3780B1EB1 G3720B1EB1 G3740 |
Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 1000; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 600; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 800; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 200; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 400; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE
|
Microsemi, Corp.
|
J775-2 TJ118-8 BHC0001 BHC0002 BHC0003 BHC0004 BHC |
Single Phase Full Wave Bridge Retifiers 单相全波桥Retifiers Single Phase Full Wave Bridge Rectifiers
|
Cypress Semiconductor Corp. Electronic Theatre Controls, Inc. ETC[ETC] RPM Micro List of Unclassifed Manufacturers
|